Part Number Hot Search : 
2SA15 PA50R MB81C86 EM74XXX 01002 NJL5152M E0526S 3DD1300
Product Description
Full Text Search
 

To Download A5800209 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Printheads
High speed film thermal printhead (8 dots / mm)
NM2003-UA10A
The NM2003-UA10A is a flat thin-film thermal printhead with a built-in heat history control function, suited for general purpose compact printers as well as label printers with printing speeds up to 10 inch / second.
FApplications Bar code label printers Ticket printers General purpose compact printers
FFeatures 1) Special glazed components for high speed, high quality printing. 2) Our heat history control circuit reduces the load on the printer to control heat history. 3) Using a hard conductive film as a protective film on the heating element offers excellent resistance to electrostatic damage.
FExternal dimensions (Units: mm)
1
Printheads
FCharacteristics
NM2003-UA10A
2
Printheads
FLevel map
NM2003-UA10A
3
Printheads
FPin assignments
NM2003-UA10A
Added functions SET : Sets all data to "HIGH". (Usable for preheating, etc.) OR-ON : Set at "HIGH" when considering the adjoining of the previous columns; otherwise set at "LOW". E-OUT : Outputs "HIGH" when a data transmission error occurs inside the head. INC : Supports the increment function from level 1 to level 6. One level is incremented for one pulse. (See Fig. 2) RESET : Sets all data at "LOW". Clears data when printing is resumed after a pause. (See Fig. 2)
Note:Signals of SET, INC, START, and RESET detect the falling edge; the START signal transmits data to the driver IC at the falling edge and latches at the rising edge. For two-part split printing, enter INC after 34 seconds of START7. (See Fig. 2)
FTiming chart
4
Printheads
FTiming chart
NM2003-UA10A
5
Printheads
FEquivalent circuit
NM2003-UA10A
FSupported speeds chart
6
Printheads
FElectrical characteristic curves
NM2003-UA10A
7


▲Up To Search▲   

 
Price & Availability of A5800209

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X